Part Number Hot Search : 
P6SMB91 12050 KB357NT Y5DU56 MUR890 MBR5200D MC74HC1 00JTR
Product Description
Full Text Search
 

To Download 0470801020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/10/2010 please check www.molex.com for latest part information part number: 0470801020 status: active description: 1.27mm (.050") pitch serial ata shrouded signal plug, surface mount, 7 circuits, with peg and locking latch, color black, 0.76m (30") gold (au) plating, matte tin, lead- free documents: 3d model product specification ps-67490-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 47080 application board-to-board, wire-to-board product name serial ata physical breakaway no circuits (loaded) 7 circuits (maximum) 7 durability (mating cycles max) 500 first mate / last break yes flammability 94v-0 glow-wire compliant no lock to mating part yes material - plating mating gold material - plating termination tin number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type embossed tape on reel pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm polarized to mating part yes polarized to pcb yes termination interface: style surface mount electrical current - maximum per contact 1.5a voltage - maximum 15v material info reference - drawing numbers packaging specification pk-47080-001 product specification ps-67490-001, rps-67490-002 sales drawing sd-47080-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47080 series mates with 67489 , 88750-5310 , 88750-5318 , 88750-5410 , 88750-54 18
this document was generated on 05/10/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0470801020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X